Part Number Hot Search : 
1SMA11 GA48V UPD16782 UPD161 FCQ10A04 337JZTR XP6115 5230B
Product Description
Full Text Search
 

To Download P6SMB36A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6SMB SERIES
600 Watts Surface Mount Transient Voltage Suppressor SMB/DO-214AA
.083(2.10) .077(1.95) .147(3.73) .137(3.48)
Features
For surface mounted application in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1A above 10V High temperature soldering guaranteed: o 260 C / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 600 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle
.187(4.75) .167(4.25)
.012(.31) .006(.15)
.103(2.61) .078(1.99) .012(.31) .006(.15) .056(1.41) .035(0.90) .209(5.30) .201(5.10) .008(.20) .004(.10)
Dimensions in inches and (millimeters)
Mechanical Data
Case: Molded plastic Terminals: Pure tin plated lead free, Polarity: Indicated by cathode band Standard packaging: 12mm tape (EIA STD RS-481) Weight: 0.093gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Type Number
Peak Power Dissipation at TA=25 C, Tp=1ms(Note 1)
o
Steady State Power Dissipation Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) - Unidirectional Only Maximum Instantaneous Forward Voltage at 50.0A for Unidirectional Only (Note 4) Typical Thermal Resistance (Note 5)
Symbol PPK Pd IFSM VF RJC RJA TJ, TSTG
Value Minimum 600 3 100 3.5/5.0 10 55 -65 to + 150
Units Watts Watts Amps Volts
o
C/W
o Operating and Storage Temperature Range C o 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 C Per Fig. 2. Notes: 2 2. Mounted on 5.0mm (.013 mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 pulses Per Minute Maximum. 4. VF=3.5V on P6SMB6.8 thru P6SMB91 Devices and VF=5.0V on P6SMB100 thru P6SMB220 Devices. 5. Measured on P.C.B. with 0.27 x 0.27" (7.0 x 7.0mm) Copper Pad Areas.
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types P6SMB6.8 through Types P6SMB220A. 2. Electrical Characteristics Apply in Both Directions.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (P6SMB SERIES)
FIG.1- PEAK PULSE POWER RATING CURVE
100 100
FIG.2- PULSE DERATING CURVE
PEAK PULSE POWER (PPP) or CURRENT (IPPM)
PPPM, PEAK PULSE POWER, KW
DERATING IN PERCENTAGE. %
10
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 O TJ = 25 C
75
50
1
25
0.1 0.1 s 1.0 s 10 s 100 s 1.0ms 10ms
0 0 25 50 75 100 125
O
150
175
200
tp, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE. ( C)
FIG.3- CLAMPING POWER PULSE WAVEFORM
150
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
200
tr = 10 sec Peak Value IPPM
IFSM, PEAK FORWARD SURGE CURRENT. AMPERES
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
100
8.3ms Single Half Sine Wave JEDEC Method
PEAK PULSE CURRENT - %
100
50
Half Value - IPPM 2 10/1000 sec. WAVEFORM as DEFINED by R.E.A.
50
td
0 0 1.0 2.0 3.0 4.0
10
1
2
4
6
8
10
20
40
60
80
100
t, TIME, ms
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL JUNCTION CAPACITANCE (UNIDIRECTIONAL)
6000
VR=0
CJ,JUNCTION CAPACITANCE. (pF)
1000
Tj =25 C f = 1.0MHz Vsig = 50 mVp-p
O
100
MEASURED at STAND-OFF VOLTAGE, VWM
10 1 10 100 200
V(BR), BREAKDOWN VOLTAGE. VOLTS
Version: A06
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Device Marking Code KDJ KEJ KFJ KGJ KHJ KKJ KLJ KMJ KNJ KPJ KQJ KRJ KSJ KTJ KUJ KVJ KWJ KXJ KYJ KZJ LDJ LEJ LFJ LGJ LHJ LKJ LLJ LMJ LNJ LPJ LQJ LRJ LSJ LTJ LUJ LVJ LWJ LXJ LYJ LZJ MDJ MEJ MFJ MGJ MHJ MKJ MLJ MMJ MNJ MPJ MQJ MRJ MSJ MTJ
Breakdown Voltage Test Current VBR @IT (Volts) (Note 1) Min Max (mA) Stand-Off Voltage VWM (Volts) Maximum Maximum Maximum Clamping Reverse Leakage Peak Pulse at VWM Current IRSM Voltage at IPPM ID (uA) (Note 2)(Amps) VC(Volts) Maximum Temperature Coefficient O of VBR(% / C)
P6SMB6.8 P6SMB6.8A P6SMB7.5 P6SMB7.5A P6SMB8.2 P6SMB8.2A P6SMB9.1 P6SMB9.1A P6SMB10 P6SMB10A P6SMB11 P6SMB11A P6SMB12 P6SMB12A P6SMB13 P6SMB13A P6SMB15 P6SMB15A P6SMB16 P6SMB16A P6SMB18 P6SMB18A P6SMB20 P6SMB20A P6SMB22 P6SMB22A P6SMB24 P6SMB24A P6SMB27 P6SMB27A P6SMB30 P6SMB30A P6SMB33 P6SMB33A P6SMB36 P6SMB36A P6SMB39 P6SMB39A P6SMB43 P6SMB43A P6SMB47 P6SMB47A P6SMB51 P6SMB51A P6SMB56 P6SMB56A P6SMB62 P6SMB62A P6SMB68 P6SMB68A P6SMB75 P6SMB75A P6SMB82 P6SMB82A
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1
10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1
1000 58 1000 60 500 53 500 55 200 50 200 52 50 45 50 47 10 42 10 43 5.0 38 5.0 40 5.0 36 5.0 37 5.0 33 5.0 34 5.0 28 5.0 29 5.0 26 5.0 28 5.0 23 5.0 25 5.0 21 5.0 22 5.0 19 5.0 Dimensions 20 inches in 5.0 18 5.0 19 5.0 16 5.0 16.8 5.0 14 5.0 15 5.0 13.0 5.0 13.8 5.0 12 5.0 12.6 5.0 11.1 5.0 11.6 5.0 10.0 5.0 10.6 5.0 9.2 5.0 9.7 5.0 8.5 5.0 8.9 5.0 7.8 5.0 8.1 5.0 7.0 5.0 7.4 5.0 6.4 5.0 6.8 5.0 5.8 5.0 6.1 5.0 5.3 5.0 5.5
10.8 0.057 10.5 0.057 11.7 0.061 11.3 0.061 12.5 0.065 12.1 0.065 13.8 0.068 13.4 0.068 15.0 0.073 14.5 0.073 16.2 0.075 15.6 0.075 17.3 0.078 16.7 0.078 19.0 0.081 18.2 0.081 22.0 0.084 21.2 0.084 23.5 0.086 22.5 0.086 26.5 0.088 25.2 0.088 29.1 0.090 27.7 0.090 31.9 0.092 30.6 0.092 and (millimeters) 34.7 0.094 33.2 0.094 39.1 0.096 37.5 0.096 43.5 0.097 41.4 0.097 47.7 0.098 45.7 0.098 52.0 0.099 49.9 0.099 56.4 0.100 53.9 0.100 61.9 0.101 59.3 0.101 67.8 0.101 64.8 0.101 73.5 0.102 70.1 0.102 80.5 0.103 77.0 0.103 89.0 0.104 85.0 0.104 98.0 0.104 92.0 0.104 108.0 0.105 103.0 0.105 118.0 0.105 113.0 0.105
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Device Marking Code MUJ MVJ MWJ MXJ MYJ MZJ NDJ NEJ NFJ NGJ NHJ NKJ NLJ NMJ NNJ NPJ NQJ NRJ NSJ NTJ NUJ NVJ
Breakdown Volta VBR (Volts) (Note 1) Min Max
Test Current @IT (mA)
Stand-Off Voltage VWM (Volts)
Maximum Maximum Maximum Reverse Leakage Peak Pulse Clamping at VWM Current IRSM Voltage at IPPM ID (uA) (Note 2)(Amps) VC(Volts)
Maximum Temperature Coefficient O of VBR(% / C)
P6SMB91 P6SMB91A P6SMB100 P6SMB100A P6SMB110 P6SMB110A P6SMB120 P6SMB120A P6SMB130 P6SMB130A P6SMB150 P6SMB150A P6SMB160 P6SMB160A P6SMB170 P6SMB170A P6SMB180 P6SMB180A P6SMB200 P6SMB200A P6SMB220 P6SMB220A
81.9 86.5 90.0 95.0 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 144.0 152.0 153.0 162.0 162.0 171.0 180.0 190.0 198.0 209.0
100.0 95.5 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0 187.0 179.0 198.0 189.0 220.0 210.0 242.0 231.0
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
73.7 77.8 81.0 85.5 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 175.0 185.0
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
4.8 5.0 4.3 4.5 3.9 4.1 3.6 3.8 3.3 3.5 2.9 3.0 2.7 2.8 2.5 2.6 2.4 2.5 2.1 2.2 1.8 1.9
131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 342.0 328.0
0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108
Notes: 1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent. 2. Surge current waverform per Figure 3 and derate per Figure 2. 3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled. 4. For bidirectional use C or CA suffix for types P6SMB6.8 through P6SMB220A. 5. All terms and symbols are consistent with ANSI/IEEE C62.35.


▲Up To Search▲   

 
Price & Availability of P6SMB36A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X